PART |
Description |
Maker |
SFF1310Z SFF1310M |
40 AMPS 200 VOLTS 0.050 N-CHANNEL POWER MOSFET 40 A, 200 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3
|
Solid State Devices, Inc.
|
MTD4N20E MTD4N20ET4 MTD4N20E-1 |
N?Channel DPAK Power MOSFET OBSOLETE - Power MOSFET 4 Amps, 200 Volts
|
ON Semiconductor
|
MTY55N20E |
OBSOLETE - Power MOSFET 55 Amps, 200 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
NTB30N20-D |
Power MOSFET 30 Amps, 200 Volts N-Channel Enhancement-Mode D2PAK
|
ON Semiconductor
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824849 MHz)
|
Conexant Systems, Inc.
|
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
164-30 |
Silicon Power Transistors 20 Amps, 200 Watts
|
Westinghouse
|
SH0064B |
40 AMPS 200 VOLTS POWER SCHOTTKY DIODE
|
Solid States Devices, Inc
|
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|